PART |
Description |
Maker |
AD8009AR-REEL7 AD8009JRT-REEL |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Amplifier. Other 放大器。其
|
Analog Devices, Inc.
|
LT1269CSWTRPBF LT1268CQPBF LT1176CSWTR |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 4 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 7.5 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSSO5 Step-Down Switching Regulator; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1425ISPBF LT1425ISTRPBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
LTC1560-1 |
1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter
|
Linear Technology
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
LTC1560-1 LTC1560-1C LTC1560-1CS8 LTC1560-1I LTC15 |
From old datasheet system 1MHz/500kHz Continuous Time/ Low Noise/ Lowpass Elliptic Filter 1MHz/500kHz Continuous Time, Low Noise, Lowpass Elliptic Filter Advanced,Self-Calibrating, Precision, Dual Operational Amplifier 8-CDIP -55 to 125 Advanced,Self-Calibrating, Precision, Dual Operational Amplifier 10-CFP -55 to 125 Advanced,Self-Calibrating, Precision, Dual Operational Amplifier 20-LCCC -55 to 125
|
Linear Technology Corporation
|
LT1376HVCSTR LT1376CSTRPBF LT1376HVCSPBF LT1375IS8 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter 1MHz.5A降压型DC / DC转换
|
Advanced Analogic Technologies, Inc.
|
AD7502SD/883B AD7503SQ/883B AD7502SQ/883B AD7501SQ |
4-Channel Analog Multiplexer 1.5A, 500kHz Step-Down Switching Regulators 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel Analog Multiplexer RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.5A, 500kHz Step-Down Switching Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8通道模拟多路复用
|
Analog Devices, Inc.
|
LT3431EFE |
High Voltage, 3A,500kHz Step-Down Switching Regulator
|
Linear Technology
|
LT3435 |
High Voltage 3A & 500kHz Step-Down Switching Regulator
|
Linear Technology
|